Part Number Hot Search : 
FND368C LA55P 11018 NC7SVL04 ZSR800G 080CT 70400 100JB
Product Description
Full Text Search
 

To Download RCR2562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
RCR2562 PFM Step-up DC/DC Converter
Features
* Low Start-up Voltage, 1.1V at 1mA * Minimal Number of External Components ( Only an Inductor, a Diode, a MOSFET and two Capacitors ) *Adjustable version ( VREF = 1.25V VREF = 2.7V or VREF = 3.3V ) * Ultra Low Input Current ( 12A at Switch Off ) * 2% High Output Voltage Accuracy * Low Ripple and Low Noise * 75% Efficiency with Low Cost Inductor * SOT23-5L Small Packages battery-powered instruments. Consists of an oscillator, a PFM control circuit, a driver Pin EXT to external MOSFET, a reference voltage unit, an error amplifier. A low ripple and high efficiency step-up DC/DC converter can be constructed of this RCR2562 IC with only six external components. The RCR2562 works on ultra low start-up voltage, typically max start-up voltage less than 1.1V at 1mA load current
Applications
* Battery-powered equipment * Cameras, Camcorders, VCRs, PDAs, pagers, electronic data banks, and hand-held communication equipment
General Description
The RCR2562 Series are PFM Step-up DC/DC ICs with ultra low supply current by CMOS process and suitable for use with
Package Information

Units:mm
1 /7
ISPD-V3.1
(R)
RCR2562
Pin Configurations Pin Port

SOT23-5L
FB VIN NC GND EXT
Functional Block Diagram
Ordering Information
RCR2562 -
Package Type SK: SOT23-5L Reference Voltage 125= 1.25V; 270= 2.70V; 330= 3.30V Indicate The Product Number
Absolute Maximum Ratings Parameter
Output Voltage EXT Pin Voltage EXT Pin Current ( 2 ) Power Dissipation ( TA = 25 ) Operating Temperature Range Storage Temperature Range
Symbol
VOUT VEXT IEXT PD TOPR TSTG
Ratings
-0.3 to 10 -0.3 to 10 30
250
Unit
V V mA mW
-40 to +125 -65 to +150
2 /7
ISPD-V3.1
(R)
RCR2562
Electrical Characteristics
TA = 25, unless otherwise specified
Parameter
Output Voltage Accuracy Input Voltage
Symbol
VOUT VIN
Test Conditions
Min
-2 --
Typ
--1.25 2.70 3.3 1.0 75 85 30 50 6 ----120 78
Max
+2 10 1.28 2.75 3.36 1.1 --40 60 12 ----160 85
Unit
% V V V V V %
RCR2562 - 125SK VFB Voltage VFB RCR2562 - 270SK RCR2562 - 330SK Start-up Voltage Efficiency VOUT 3.5V VOUT 3.5V VOUT 3.5V VOUT 3.5V VOUT 3.5V VOUT 3. 5V VOUT 3.5V VOUT 3. 5V VOUT 3.5V VOUT 3. 5V VST EFFI To be measured at VIN at no load To be measured at VOUT in switch off condition VEXT = VOUT - 0.4V IOUT = 1mA, VIN : 0 to 2V
1.22 2.65 3.24 -------1.5 -2
Input Current1
ISS
A
Input Current2 EXT"H"Output Current EXT"L"Output Current Maximum Oscillator Oscillator Duty Cycle
ISWITCHING
A
ISH
mA
ISL FMAX
DOSC
VEXT = 0.4V
1.5 2 80
mA kHz %
On (VLX "L" ) side
70
Note1 VoutT= Specified output Voltage. Note2 Unless otherwise provided, VSS = GND, IOUT = 10mA, Note3 MOSFET: RCR1516
Typical Application Circuit ( VOUT = 5V )
Components : Inductor : 47uH, Diode : 1N5818, NMOS : RCR1516 Output Capacitor : 47uF/16V ( Tantalum )
Input Capacitor : 1uF/10V ( Tantalum )
3 /7
ISPD-V3.1
(R)
RCR2562
Typical Performance Characteristics
1 RCR2562 ( When VOUT = 5V ) :
2.0
START-UP Voltage (v)
1.8 1.6 1.4 1.2 1.0 0.8 0 20
RCR1513SI
xx151
RCR1516
40
60
80
100
120
Output Current(mA)
Figure1.Start-up Voltage VS Output Current
2 RCR2562-125RCR2562-27 ( VOUT = 3.0V ) :
Figure2. Output Voltage VS Output Current
Figure3. Efficiency VS Output current
3 RCR2562 ( VOUT = 3.3V )
4 /7
ISPD-V3.1
(R)
RCR2562
Figure4. Output Voltage VS Output current
Figure5. Efficiency VS Output current
4 RCR2562 ( VOUT = 5.0V )
Figure6. Output Voltage VS Output current
5 /7
ISPD-V3.1
(R)
RCR2562
5Efficiency VS. Output Current:
Figure7. Efficiency VS Output current
6 /7
ISPD-V3.1
(R)
RCR2562
DISCLAIMER
INNOVA SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. INNOVA DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICIENCE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
7 /7
ISPD-V3.1


▲Up To Search▲   

 
Price & Availability of RCR2562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X